Part Number Hot Search : 
SA100 Z25A2 3843A RT8239A 01B32AM CY3670 IT130 FCH47N6
Product Description
Full Text Search
 

To Download EAUSBSTICK-FONT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dogs graphic series 102x64 dots 06.2013 zeppelinstrasse 19 d-82205 gilching phone +49-(0)8105-778090 fax: +49-(0)8105-778099 www.lcd-module.de info@lcd-modul e.de ea dogs102w-6 + ea led39x41-w ea dogs102b-6 + ea led39x41-w ea dogs102w-6 + ea led39x41-a technical data * high-contrast lcd supertwist display (stn and fstn) with 10m dot gap * optional led backlights in various colors * 102x64 pixels (corresponds to 8x17 characters or 4x12 large characters) * uc1701 controller with spi (4-wire) interface * power supply: single supply 2.5v to 3.3v (typically 250a) * no additional voltages required * operating temperature range -20c to +70c (storage -30c to +80c) * led backlighting 5ma to 80ma * no mounting required: simply solder onto pcb ordering code graphics display, 102x64, 39x41mm ea dogs102x-6 x: w = white background (fstn pos. transflective) b = blue background (stn neg. transmissive) n = superwhite background (fstn pos. reflective, cannot be backlit) led backlight, white ea led39x41-w led backlight, amber ea led39x41-a led backlight, duo color green/red ea led39x41-gr accessories usb test board for pc (windows 2000, xp, vista) ea 9780-2usb touch panel, 4-wire, analog, stick-on ea touch102-1 zif connector for touch panel, bottom contact ea wf100-04s 10 character sets e.g. 6x8,8x8,8x16,cyrillic, font editor ea usbstick-font socket 4.8mm height (2 pcs. are neccessary) ea fl-14p available in low quantities ! flat: 5.5mm with led b./l. mounted
ea dogs102-6 page 2 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. pinout the ea dogs102, a 102x64-pixel graphics display, is a new addition to electronic assembly?s ea dog series. it, too, has pins that allow it to be mounted quickly and easily. 3 di fferent technologies see below for an overview of available technologies, combinations with available backlights and their usability: contrast adjustment the contrast can be set by means of a command for all the displays in the ea dog series. the contrast setting of the display must be set once by the software, and is then kept constant throughout the entire operating temperature range (-20..+70c), thanks to the integrated temperature compensation. pin symbol level function pin symbol level function 1 nc (a1+: led backlight) 15 vlcd - power lc drive 2 nc (c1-: led backlight) 16 vb1- - voltage converter 3 17 vb0- - voltage converter 4 18 vb0+ - voltage converter 5 19 vb1+ - voltage converter 6 20 vss l power supply 0v (gnd) 7 21 vss l power supply 0v (gnd) 8 22 vdd2/3 h power supply +2,5..3,3v 9 23 vdd1 h power supply +2,5..3,3v 10 24 sda h / l data in (spi: mosi) 11 25 sck h / l clock (spi: clk) 12 26 cd h / l l= command, h= data 13 nc (c2-: led backlight) 27 rst l reset (active low) 14 nc (a2+: led backlight) 28 cs0 l chip select (active low) display type technology optional backlight readability display color non backlighted display color with backlighted recommende backlight color fstn pos. transflective it's fine with and without backlight readable even without backlight black on white black on backlight color all stn neg. blue transmissive usage only with backlight --- --- white backlight on blue background white fstn pos. white reflective no backlight possible finest readable without backlight black on white --- ---
ea dogs102-6 page 3 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. led-backlight 3 different variants are available for individual backlighting: white, amber and a duo-color green/red version. there are 2 separate led paths available for each monochrome backlight that can be switched in parallel or in series to suit the system voltage. this means that most backlights can be run at either 3.3 v or a higher voltage. to operate the backlight, we recommend a current source (e.g. cat4238td) or an external series resistor to limit the current. this can be calculated from r=u/i; you can find the values in the table on the right. to prolong the life of the backlights, we recommend that you use a current source. the operating life of the amber and green/red backlights is 100,000 hours. the life of the white backlight is considerably shorter. we recommend that you dim these or switch them off whenever possible. important: do never connect the backlight leds directly to a 5 v/3.3 v supply as this will immediately destroy the leds. always use a current source. please note that derating applies at temperatures exceeding +25c. if you see black and white pictures on this page but you want to see the colors of the displays, you can download a full- colored version of this document at http://www .lcd-module.de/eng/pdf/grafik/dogs102-6e.pdf ea led39x41-a amber ea led39x41-gr green/red ea led39x41-w white amber ea led39x41-a forward voltage current max. limiting resistor @ 3,3 v @ 5 v connected in parallel 2,2 v 80 ma 15 ohm 36 ohm connected in series 4,4 v 40 ma cat4238 15 ohm white ea led39x41-w forward voltage current max. limiting resistor @ 3,3 v @ 5 v connected in parallel 3,3 v 60 ma 0 ohm 28 ohm connected in series 6,6 v 30 ma use cat4238 green/red ea led39x41-gr forward voltage current max. limiting resistor @ 3,3 v @ 5 v red path (arg/cr) 1,9 v 60 ma 24 ohm 51 ohm green path (arg/cg) 2,0 v 80 ma 18 ohm 39 ohm
ea dogs102-6 page 4 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. data transfer data transfer is unidirectional. that means that data can only be written; it cannot be read again. in contrast to other displays, a busy query is not necessary with this display. the transmission follows spi-mode 3, with msb first. the clock-pulse rate of the scl line can be up to 33 mhz at 3.3v, depending on the supply voltage. you will find more detailed information on timing on page 41 of the datasheet of the uc1701x controller, which you will find on our website at http://www .lcd-module.de/eng/pdf/zubehoer/uc1701.pdf application example 3 additional capacitors are required for +2,5v..+3.3v operation. current consumption typ. 250a
ea dogs102-6 page 5 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. uc1701 programming commands command command code function cd d7 d6 d5 d4 d3 d2 d1 d0 (1) write data byte 1 data bit d[7..0] write one byte to memory (4) set column address lsb 0 0 0 0 0 ca[3..0] set the sram column address ca=0..131 set column address msb 0 0 0 1 ca[7..4] (5) set power control 0 0 0 1 0 1 pc[2..0] pc0: 0=booster off; 1=booster on pc1: 0=regulator off; 1=regulator on pc2: 0=follower off; 1=follower on (6) set scroll line 0 0 1 sl[5..0] set the display startline number sl=0..63 (7) set page address 0 1 0 1 1 pa[3..0] set the sram page address pa=0..7 (8) set vlcd resistor ratio 0 0 0 1 0 0 pc[5..3] configure internal resistor ratio pc=0..7 (9) set electronic volume 0 1 0 0 0 0 0 0 1 adjust contrast of lcd panel pm=0..63 0 0 pm[5..0] (10) set all pixel on 0 1 0 1 0 0 1 0 c1 c1=0: show sram content c1=1: set all seg-drivers to on (11) set inverse display 0 1 0 1 0 0 1 1 c0 c0=0: show normal sram content c0=1: show inverse sram content (12) set display enable 0 1 0 1 0 1 1 1 c2 c2=0: disable display (sleep) c2=1: enable display (exit from sleep) (13) set seg direction 0 1 0 1 0 0 0 0 mx mx=0: normal seg 0..131 mx=1: mirror seg 131..0 (14) set com direction 0 1 1 0 0 my 0 0 0 my=0: normal com 0..63 my=1: mirror com 63..0 (15) system reset 0 1 1 1 0 0 0 1 0 system reset (17) set lcd bias ratio 0 1 0 1 0 0 0 1 br br: 0=1/9; 1=1/7 (25) set adv. program control 0 0 1 1 1 1 1 0 1 0 tc: temp. comp. 0= -0.05; 1= -0,11%/c wc: column wrap around 0=0ff; 1=on wp: page wrap around 0=0ff; 1=on tc 0 0 1 0 0 wc wp character set and font editor (accessory) with the ordering code ea usbstick-font a memory stick comes with various character sets, especially made for this small display ea dogs102-6. an import function allows additionally to use windows fonts. with the fonteditor it is easy to generate for example cyrillic, greek and arabic fonts. the preview function shows immediately the size and style in simulation window. when the testboard ea 9780-2usb is connected to the usb port, you can see the character (or any predefined text) live on the display ! no need to say that the export function generates a c- and basic source code as an include file to your software.
ea dogs102-6 page 6 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. initialisation example 12:00 viewing angle, top view option if the display is read mostly from above (on the front of a laboratory power supply unit, for example), the preferred angle of viewing can be set to 12 o?clock. this rotaties the display by 180. a slightly different initialization setup is required for this. also keep in mind that the leftmost column (normally numbered as 0) will now change to 30. *) make sure that for 6:00 viewing direction seg has to be set to ?reverse? (mirrored layout) ! initialisation example (bottom view) command cd d7 d6 d5 d4 d3 d2 d1 d0 hex remark (6) set scroll line 0 0 1 0 0 0 0 0 0 $40 display start line 0 (13) set seg direction 0 1 0 1 0 0 0 0 1 $a1 seg reverse *) (14) set com direction 0 1 1 0 0 0 0 0 0 $c0 normal com0~com63 (10) set all pixel on 0 1 0 1 0 0 1 0 0 $a4 disable -> set all pixel to on (11) set inverse display 0 1 0 1 0 0 1 1 0 $a6 display inverse off (17) set lcd bias ratio 0 1 0 1 0 0 0 1 0 $a2 set bias 1/9 (duty 1/65) (5) set power control 0 0 0 1 0 1 1 1 1 $2f booster, regulator and follower on (8) set vlcd resistor ratio 0 0 0 1 0 0 1 1 1 $27 set contrast (9) set electronic volume 0 1 0 0 0 0 0 0 1 $81 0 0 0 1 0 0 0 0 $10 (25) set adv. program control 0 0 1 1 1 1 1 0 1 0 $fa set temperature compensation curve to -0.11%/c 1 0 0 1 0 0 0 0 $90 (12) set display enable 0 1 0 1 0 1 1 1 1 $af display on initialisation example (changes for top view) command cd d7 d6 d5 d4 d3 d2 d1 d0 hex remark (13) set seg direction 0 1 0 1 0 0 0 0 0 $a0 seg normal (14) set com direction 0 1 1 0 0 1 0 0 0 $c8 com reverse com63~com0 orientation for 12 o?clock (top view) orientation for 6 o?clock (bottom v iew)
ea dogs102-6 page 7 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. touch panel ea touch102-1 (optional) an analog touch panel is available as an accessory. it has a self-adhesive material on its rear surface and is simply stuck onto the display. the connection is made by means of a 4-pin flexible cable for a zif connector (e.g. ea wf100-04s) with a grid of 1.0 mm. bending radius is defined with min. 5mm. for optimum readability we recommend that you use a backlight with the display. interfacing to a processor can be either done by an external touch panel controller or with a controller that is featured with analogue input. the touch panel is similar to a potentiometer: connecting a voltage of e.g. 3.3v to the pins top-bottom makes it possible to read out a voltage on pin left or right which is li- near to the y -coordinate of the pressed point. the x-coordinate will result when the voltage will be supplied to left-right and measurement is done at top or bottom . the pinout of the connecting cable is shown in the drawing. zif connector ea wf100-04s as an accessory for the touch panel we do provide a zif connector (4 pins) with pitch 1.0mm (smd type). this connector is a ?bottom side contact? type. alle dimensions are in mm usb-test board ea 9780-2usb for easy startup, a usb test board is available that can be connected to a pc. a usb cable and windows software is supplied with the product. this allows text and images (bmp) to displayed directly on the connected display. you will find more information on the test board in the ea 9780-2usb data sheet. simulation with windows a simulator window also displays the contents of the display. the software can simulate all the displays and colors even without the hardware. you can download the software free from our website. note that all functions of the simulation software do run also without the usb board. http://www .lcd-module.de/deu/disk/startdog20.zip specification specification min max unit top-bottom t.b.d. t.b.d. ? left-right t.b.d. t.b.d. ? voltage 3 12 v current 5 25 ma linearity 1,5 % force 45 65 g contact bounce 5 10 ms op. temperatur -20 +60 c stor. temperatur -20 +70 c transmission 75 85 % life time 100000 cycles
ea dogs102-6 page 8 electronic assembly reserves the right to change specifications without prior notice. printing and typographical errors reserved. zeppelinstrasse 19 d-82205 gilching phone +49-(0)8105-778090 fax: +49-(0)8105-778099 www.lcd-module.de info@lcd-modul e.de dimensions ea dogs102-6 dimensions ea led39x41 all dimensions are in mm mounting / assembling first, clip the display and backlight modules together by gently pushing the display pins through the corresponding holes on the backlight module. then insert the entire module into the socket, or into the soldering holes on the pcb. the backlight pins (4 pins at the bottom) must be soldered on the top side as well to ensure good contact between the modules. important: - the display and the backlight do have in summary 3 protective films. there are some on the top and the bottom of the display and also one on the backlight. these must be removed. - lc displays are generally not suited for wave or reflow soldering. temperatures of over 80c can cause lasting damage. - make sure that either display nor backlight will never come into contact with any kind of liquid like fluxer, cleaner, water. attention handling precautions!
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: electronic assembly: ? ea dogs102b-6? ea dogs102n-6? ea dogs102w-6? ea fl-14p? ea led39x41-a? ea led39x41-gr? ea led39x41-w


▲Up To Search▲   

 
Price & Availability of EAUSBSTICK-FONT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X